PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE182 MJE171 MJE181 MJE172 ON2017 MOTOROLAINC-MJE |
POWER TRANSISTORS COMPLEMENTARY SILICON 3 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-225AA From old datasheet system COMPLEMENTARY SLLLCON PLASTLC POWER TRANSLSTORS 3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N6497 2N6498 |
POWER TRANSISTORS NPN SILICON High Voltage NPN Silicon Power Transistors
|
ONSEMI[ON Semiconductor]
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2N6388 2N6387 |
DARLINGTON NPN SILICON POWER TRANSISTORS Plastic Medium-Power Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
2N4922 2N4921 2N4923 2N4921-D |
Medium-Power Plastic NPN Silicon Transistors 1 AMPERE GENERAL PURPOSE POWER TRANSISTORS 30 WATTS
|
ONSEMI[ON Semiconductor]
|
BUX48 BUX48A |
SWITCHMODE II Series NPN Silicon Power Transistors SITCHMODE II Series NPN Silicon Power Transistors
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
EMF5XV6T5 EMF5XV6T5G |
Power Management Dual Transistors Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
2SA2040 2SC5707 C5707 2SA2040TP 2SA2040TP-FA 2SC57 |
PNP Epitaxial Planar Silicon Transistors High Current Switching Applications PNP / NPN Epitaxial Planar Silicon Transistors PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 8A I(C) | TO-251VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 8A I(C) | TO-252VAR Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|